Part Number Hot Search : 
P4KE6 BA033 PQ05NF1 LC110A TF202 1N1184A H220M TMEGA32
Product Description
Full Text Search
 

To Download AFCC100215LKW2S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  9 appr ovals where indicated s small signal feed through filters afcc 100,160,190 series s mall signal feed through capacitor filters enable a consistently h igh frequency performance to be combined with compact mechanical enclosures, significant current capability and terminations which suit use in many industrial applications such as telecommunications, medical equipment and dc power systems. u nder ac use consideration must be given to the leakage current c aused by the capacitance value in order to ensure compliance with equipment safety specifications. the construction is designed so that multiple high frequency resonances are minimised and hence the performance is maintained over the operating frequency range. these products avoid this weakness so often demonstrated in many commercially available products. a wide range of performance is available in various voltage ratings while limiting the case sizes so that these components can be more easily integrated within customers applications. the dielectric construction of the capacitor elements means that they have high level voltage withstand capability and can cope with rapid transients. these products are fully encapsulated in a flame retardant v0 to ul 94 polyurethane resin system. mechanical specifications manufacture: resin sealed metal containers. connections: wire or tag terminations. electrical specifications (afpi 100 only) rated voltage (v r ): see relevant product table rated current (i r ): referred to room temperature = 40 voltage test (2 s .): see relevant product table climatic category: see relevant product table code max values c voltage dimensions (mm) dia insertion i r v r test loss dc dc/ac (nf) a b c d t d graph 215lkw2s 15 350/- 15 25/085/21 1500vdc 4.75 15 100 10 m6x0.5 1.2 plot 2 220ukt8t 15 630/- 20 55/125/56 1000vdc 4.75 12 30 10 m6x0.75 1.2 plot 3 250uhw4t 5 630/- 50 55/125/56 1000vac 4.75 14 30 10 m6x0.75 1.6 plot 5 250ukt8t 15 630/- 50 55/125/56 1000vac 4.75 12 27 10 m6x0.75 1.6 plot 5 322jkw3s 15 250/- 220 55/125/56 400vdc 4.75 14 30 10 m6x1 0.8 plot 7 390skw8t 15 150/- 900 25/085/56 300vdc 7.95 10 26 10 m6x0.75 1.2 plot 8 390skw9t 15 150/- 900 25/085/56 300vdc 4.75 10 26 10 m6x0.75 1.2 plot 8 414srw9s 20 150/- 1400 25/085/21 250vdc 7.95 19 37 10 m6x0.5 1.2 plot 9 code max values c voltage dimensions (mm) dia insertion i r v r test loss dc dc/ac (nf) a b c d t d graph 125vmw2n 16 250/- 2.5 25/085/21 3950vdc 16 24 120 16 m10x0.75 1 plot 1 218vmw6n 16 250/- 18 25/085/21 2700vdc 6 14 50 16 m10x0.75 1.2 plot 2 222vmw1n 16 250/- 22 25/085/21 3750vdc 16 38 135 16 m10x0.75 1 plot 3 235vlw3n 25 250/- 35 25/085/21 3750vdc 16 34 135 16 m10x0.75 1.6 plot 4 250mmw1n 16 250/- 50 25/085/21 3750vdc 16 25 121 16 m10x0.75 1.2 plot 5 510dmw1n 16 100/- 10000 25/085/21 250vdc 16 25 121 16 m10x0.75 1.2 plot 10 filter range - afcc100 (example pt no. AFCC100215LKW2S) filter range - afcc160 (example pt no. AFCC100215LKW2S)
10 c ode max values c voltage dimensions (mm) dia insertion i r v r test loss dc dc/ac (nf) a b c d t d graph 218w6w9n 63 -/130 18 25/085/21 1420vdc 12 16 70 19 m12x0.75 m6 plot 2 2 33vjw4s 10 -/250 33 25/085/21 2700vdc 17 38 96 19 m12x0.75 1.2 plot 4 3 10pkw4n 15 1000/- 100 25/085/21 2250vdc 17 40 97 19 m12x0.75 1.2 plot 6 322t3w9n 30 400/- 220 25/085/21 800vdc 14 18 65 19 m16x1 m6 plot 7 filter range - afcc190 ( example pt no. afcc190218w6w9n) small signal feed through filters afcc 100,160,190 series dimensions (mm) and connections circuit diagram s appr ovals where indicated
11 small signal feed through filters afcc 100,160,190 series approvals wher e indicated typical insertion loss characteristics


▲Up To Search▲   

 
Price & Availability of AFCC100215LKW2S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X